Part Number Hot Search : 
SXQ50 N3325KIT 61106PFC TK61023 MMBT4 SXQ50 T3906 21DQ03L
Product Description
Full Text Search
 

To Download 1781240000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Single-Stud Terminals
WF 6
WF 8
WF 10
WF 12
14 mm
21 mm
28 mm
23 mm
Available Options
Version Beige Wemid
Part No. 1780850000
Part No. 1780860000
Part No. 1780870000
Part No. 1780880000
Dimensions Width / Length / Height mm (in.) with TS 35 x 7.5 Pitch with partition mm (in.) Stud size Technical Data Rated voltage / rated current / wire size 19.6/67/56 (0.77/2.64/2.20) 18 (0.71) M6 24.6/67/65 (0.97/2.64/2.56) 23 (0.91) M8 35.6/67/74 (1.40/2.64/2.91) 34 (1.34) M10 35.6/67/72 (1.40/2.64/2.83) 34 (1.34) M12
UL CSA VDE
1000 V / 115 A / #14...2 AWG 1000 V / 150 A / #14...2 AWG 800 V / - / - 3...6 (26.5...53.1) Type Part No. 2/101.8/58.5 (0.08/4.01/2.30) WTW WF 6 1781220000 WTW WF 6 2300 1781230000 WTW WF 50 1781240000
1000 V / 150 A / #14...1/0 AWG 1000 V / 255 A / 10...250 MCM 1000 V / 200 A / #14...1/0 AWG 1000 V / 320 A / 10...250 MCM 800 V / - / - 800 V / - / - 6...12 (53.1...106.2) Type Part No. 2/109.8/67 (0.08/4.32/2.64) WTW WF 8 1780900000 WTW WF 8 2300 1780910000 WTW WF 50 1781240000
1000 V / 255 A / 10...250 MCM 1000 V / 320 A / 10...250 MCM 800 V / - / -
Torque Partition (thickness mm) Width / Length / Height mm (in.)
Nm (lb. in.)
10...20 (88.5...177) 14...31 (123...274) Type Part No. Type Part No. 2/156/76.5 (0.08/6.14/3.01) 2/156/76.5 (0.08/6.14/3.01) WTW WF 10/12 1780890000 WTW WF 10/12 1780890000 WTW WF 10/12 2300 1780920000 WTW WF 10/12 2300 1780920000 WTW WF 50 1781240000 WTW WF 50 1781240000
Beige Wemid Epoxy resin Beige Wemid 50 mm long (for insulated cable lugs) Jumpers 2 pole 3 pole
WQL 2 WF 6 WQL 3 WF 6
1780970000 1780980000
WQL 2 WF 8 WQL 3 WF 8
1780990000 1781000000
WQL 2 WF10 WQL 3 WF 10
1781010000 WQL 2 WF 12 1781020000 WQL 3 WF 12
1781030000 1781040000
Cover (1m) Transparent PVC Holder for cover Beige Wemid Marking Tags Print Consecutive horizontal Consecutive vertical HA WF 1781050000 HA WF 1781050000 HA WF 1781050000 HA WF 1781050000 ADP WF 6/WF 8 1780930000 ADP WF 6/WF 8 1780930000 ADP WF 10/WF 12 1780940000 ADP WF 10/WF 12 1780940000
DEK 5/5 DEK 5/5
0473460001 0473560001
DEK 5/5 DEK 5/5
0473460001 0473560001
DEK 5/5 DEK 5/5
0473460001 DEK 5/5 0473560001 DEK 5/5
0473460001 0473560001
Note: Part numbers shown are for a single card of pre-printed tags numbered 1-50. For additional information, see Accessories section.
See Accessories section for mounting rails, end brackets, additional marking material and accessories.
147
APPLICATION SPECIFIC TERMINAL BLOCKS


▲Up To Search▲   

 
Price & Availability of 1781240000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X